Part Number Hot Search : 
CXA13 30LT1 LC7535 HD29051 AT24C128 0E7MXXX 48D12 CXA13
Product Description
Full Text Search
 

To Download PVC10010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Polyester Film/Foil (100 V- 1000 V) and Polypropylene Film/Foil (1200 V - 2000 V)
Type PVC Polyester and Polypropylene Film/Foil Capacitors
The Type PVC is a sturdy film and extended foil construction ideal for bypass and coupling applications. Extended foil construction is as good as it gets for low DF and high current applications. The PVC is encapsulated in a rugged, flame retardant, epoxy coating with the leads crimped to provide secure seating on printed circuit boards.
Highlights

Specifications
RoHS Compliant Rugged epoxy case material meets UL94V0 Film/foil polyester 100 - 1000 Vdc Film/foil polypropylene - 1200 Vdc - 2000 Vdc Non-inductively wound Non-polar Crimped leads for secure PC board insertion Lead material: tinned copper clad steel
Capacitance Range: 0.001 F to 1.0 F Capacitance Tolerance: 10% Voltage Range: Polyester: 100 Vdc to 1000 Vdc (70 Vac - 200 Vac 50/60 Hz) Polypropylene: 1200 Vdc to 2000 Vdc (475 Vac - 500 Vac 50/60 Hz) Operating Temperature Range: Polyester: -55 C to +125 C Polypropylene: -55 C to +105 C (Full rated voltage up to 85 C. Derate linearly to 50% rated voltage at max temperature) Insulation Resistance (IR): Polyester: 100,000 M for 0.25 F, 25,000 M * F for 0.25 F Polypropylene: 400,000 M for 0.50 F, 200,000 M * F for 0.50 F After 2 minutes at rated voltage or 500V whichever is less. +25 C Dissipation Factor (DF): 0.75% max for <1200 V, 0.1% max for 1200 V. +25 C Dielectric Withstand Voltage: 250% rated voltage for <1000 V, 200% rated voltage for 1000 V. 5 seconds, +25 C Life Test: 500 hours at +85 C, 1.5 times rated DC voltage
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type PVC Polyester and Polypropylene Film/Foil Capacitors
Outline Drawing
Ratings
Inches Catalog Part Number PVC1118 PVC1122 PVC1127 PVC1133 PVC114 PVC1147 PVC1156 PVC1168 PVC1182 PVC101 PVC1015 PVC1022 PVC1025 PVC1033 PVC1039 PVC1047 PVC105 PVC1056 PVC1068 PVC1082 PVC11 PVC211 PVC2115 PVC2118 PVC212 PVC2122 PVC2133 PVC2139 PVC214 PVC2147 PVC215 PVC2156 Cap (F) 0.018 0.022 0.027 0.033 0.040 0.047 0.056 0.068 0.082 0.10 0.15 0.22 0.25 0.33 0.39 0.47 0.50 0.56 0.68 0.82 1.00 0.010 0.015 0.018 0.020 0.022 0.033 0.039 0.040 0.047 0.050 0.056 L Max 0.7 0.7 0.7 0.7 0.7 0.7 0.7 0.7 0.9 0.9 0.9 1.2 1.2 1.2 1.6 1.6 1.6 1.6 1.6 1.6 1.6 0.7 0.7 0.7 0.7 0.7 0.9 0.9 0.9 0.9 0.9 1.2 Dia Max 0.33 0.35 0.35 0.35 0.35 0.35 0.38 0.38 0.40 0.40 0.45 0.45 0.50 0.50 0.50 0.50 0.60 0.60 0.60 0.65 0.70 0.33 0.33 0.33 0.33 0.33 0.38 0.38 0.38 0.38 0.38 0.38 S Lead Spacing 0.500 0.500 0.500 0.500 0.500 0.500 0.500 0.500 0.688 0.688 0.688 0.969 0.969 0.969 1.344 1.344 1.344 1.344 1.344 1.344 1.344 0.500 0.500 0.500 0.500 0.500 0.688 0.688 0.688 0.688 0.688 0.969 d 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 100 Vdc / 70 Vac 17.8 17.8 17.8 17.8 17.8 17.8 17.8 17.8 22.9 22.9 22.9 30.5 30.5 30.5 40.6 40.6 40.6 40.6 40.6 40.6 40.6 17.8 17.8 17.8 17.8 17.8 22.9 22.9 22.9 22.9 22.9 30.5 8.4 8.9 8.9 8.9 8.9 8.9 9.7 9.7 10.2 10.2 11.4 11.4 12.7 12.7 12.7 12.7 15.2 15.2 15.2 16.5 17.8 8.4 8.4 8.4 8.4 8.4 9.7 9.7 9.7 9.7 9.7 9.7 L Max Dia Max
RoHS Compliant
Millimeters S Lead Spacing 12.7 12.7 12.7 12.7 12.7 12.7 12.7 12.7 17.5 17.5 17.5 24.6 24.6 24.6 34.1 34.1 34.1 34.1 34.1 34.1 34.1 12.7 12.7 12.7 12.7 12.7 17.5 17.5 17.5 17.5 17.5 24.6 d 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8
200 Vdc / 140 Vac
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type PVC Polyester and Polypropylene Film/Foil Capacitors
RoHS Compliant
S Lead Spacing 24.6 24.6 24.6 24.6 24.6 24.6 34.1 34.1 34.1 34.1 12.7 12.7 12.7 12.7 12.7 12.7 17.5 17.5 24.6 24.6 24.6 24.6 24.6 24.6 24.6 34.1 34.1 34.1 34.1 34.1 34.1 12.7 12.7 12.7 12.7 12.7 12.7 12.7 12.7 12.7 12.7 12.7 12.7 12.7 12.7 12.7 d 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 Inches Catalog Part Number PVC2168 PVC2182 PVC201 PVC2015 PVC2022 PVC2025 PVC2027 PVC2033 PVC2047 PVC205 PVC421 PVC4222 PVC4233 PVC4247 PVC4268 PVC411 PVC412 PVC4133 PVC4147 PVC415 PVC4156 PVC4168 PVC4182 PVC401 PVC4015 PVC4018 PVC4022 PVC4025 PVC4033 PVC4039 PVC4047 PVC621 PVC6212 PVC6215 PVC6218 PVC622 PVC6222 PVC6225 PVC6227 PVC623 PVC6233 PVC6239 PVC624 PVC6247 PVC625 PVC6256 Cap (F) 0.068 0.082 0.10 0.15 0.22 0.25 0.27 0.33 0.47 0.50 0.0010 0.0022 0.0033 0.0047 0.0068 0.010 0.020 0.033 0.047 0.050 0.056 0.068 0.082 0.10 0.15 0.18 0.22 0.25 0.33 0.39 0.47 0.0010 0.0012 0.0015 0.0018 0.0020 0.0022 0.0025 0.0027 0.0030 0.0033 0.0039 0.0040 0.0047 0.0050 0.0056 L Max 1.2 1.2 1.2 1.2 1.2 1.2 1.6 1.6 1.6 1.6 0.7 0.7 0.7 0.7 0.7 0.7 0.9 0.9 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.6 1.6 1.6 1.6 1.6 1.6 0.7 0.7 0.7 0.7 0.7 0.7 0.7 0.7 0.7 0.7 0.7 0.7 0.7 0.7 0.7 Dia Max 0.38 0.40 0.40 0.45 0.50 0.50 0.47 0.47 0.56 0.56 0.30 0.30 0.30 0.30 0.33 0.35 0.39 0.40 0.40 0.45 0.45 0.45 0.52 0.53 0.57 0.60 0.60 0.65 0.65 0.72 0.80 0.30 0.33 0.33 0.33 0.33 0.33 0.34 0.35 0.35 0.35 0.38 0.38 0.38 0.38 0.40 S Lead Spacing 0.969 0.969 0.969 0.969 0.969 0.969 1.344 1.344 1.344 1.344 0.500 0.500 0.500 0.500 0.500 0.500 0.688 0.688 0.969 0.969 0.969 0.969 0.969 0.969 0.969 1.344 1.344 1.344 1.344 1.344 1.344 0.500 0.500 0.500 0.500 0.500 0.500 0.500 0.500 0.500 0.500 0.500 0.500 0.500 0.500 0.500 d 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 200 Vdc / 140 Vac 30.5 30.5 30.5 30.5 30.5 30.5 40.6 40.6 40.6 40.6 17.8 17.8 17.8 17.8 17.8 17.8 22.9 22.9 30.5 30.5 30.5 30.5 30.5 30.5 30.5 40.6 40.6 40.6 40.6 40.6 40.6 17.8 17.8 17.8 17.8 17.8 17.8 17.8 17.8 17.8 17.8 17.8 17.8 17.8 17.8 17.8 9.7 10.2 10.2 11.4 12.7 12.7 11.9 11.9 14.2 14.2 7.6 7.6 7.6 7.6 8.4 8.9 9.9 10.2 10.2 11.4 11.4 11.4 13.2 13.5 14.5 15.2 15.2 16.5 16.5 18.3 20.3 7.6 8.4 8.4 8.4 8.4 8.4 8.6 8.9 8.9 8.9 9.7 9.7 9.7 9.7 10.2 L Max Millimeters Dia Max
400 Vdc / 200 Vac
600 Vdc / 200 Vac
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type PVC Polyester and Polypropylene Film/Foil Capacitors
RoHS Compliant
Inches Catalog Part Number PVC626 PVC6268 PVC6275 PVC628 PVC6282 PVC611 PVC6112 PVC6115 PVC6118 PVC612 PVC6122 PVC6125 PVC6127 PVC613 PVC6133 PVC6139 PVC614 PVC6147 PVC615 PVC6156 PVC6168 PVC6182 PVC601 PVC6012 PVC6015 PVC6018 PVC602 PVC6022 PVC6025 PVC6033 PVC1021 PVC10215 PVC10218 PVC10222 PVC10233 PVC10247 PVC10256 PVC10268 PVC10282 PVC1011 PVC10115 PVC10118 PVC10122 PVC10127 PVC10133 Cap (F) 0.0060 0.0068 0.0075 0.0080 0.0082 0.010 0.012 0.015 0.018 0.020 0.022 0.025 0.027 0.030 0.033 0.039 0.040 0.047 0.050 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.20 0.22 0.25 0.33 0.0010 0.0015 0.0018 0.0022 0.0033 0.0047 0.0056 0.0068 0.0082 0.010 0.015 0.018 0.022 0.027 0.033 L Max 0.7 0.7 0.7 0.9 0.9 0.9 0.9 0.9 0.9 0.9 0.9 0.9 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.6 1.6 1.6 1.6 1.6 1.6 1.81 0.7 0.7 0.7 0.7 0.9 0.9 0.9 0.9 0.9 0.9 1.2 1.2 1.2 1.2 1.2 Dia Max 0.40 0.40 0.40 0.40 0.40 0.40 0.40 0.40 0.45 0.45 0.45 0.45 0.45 0.45 0.45 0.56 0.56 0.56 0.56 0.60 0.60 0.65 0.65 0.70 0.70 0.80 0.80 0.80 0.80 0.89 0.33 0.33 0.35 0.35 0.35 0.40 0.43 0.43 0.48 0.48 0.48 0.58 0.58 0.65 0.65 S Lead Spacing 0.500 0.500 0.500 0.688 0.688 0.688 0.688 0.688 0.688 0.688 0.688 0.688 0.969 0.969 0.969 0.969 0.969 0.969 0.969 0.969 0.969 0.969 0.969 1.344 1.344 1.344 1.344 1.344 1.344 1.531 0.500 0.500 0.500 0.500 0.688 0.688 0.688 0.688 0.688 0.688 0.969 0.969 0.969 0.969 0.969 d 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 600 Vdc / 200 Vac 17.8 17.8 17.8 22.9 22.9 22.9 22.9 22.9 22.9 22.9 22.9 22.9 30.5 30.5 30.5 30.5 30.5 30.5 30.5 30.5 30.5 30.5 30.5 40.6 40.6 40.6 40.6 40.6 40.6 46.0 17.8 17.8 17.8 17.8 22.9 22.9 22.9 22.9 22.9 22.9 30.5 30.5 30.5 30.5 30.5 10.2 10.2 10.2 10.2 10.2 10.2 10.2 10.2 11.4 11.4 11.4 11.4 11.4 11.4 11.4 14.2 14.2 14.2 14.2 15.2 15.2 16.5 16.5 17.8 17.8 20.3 20.3 20.3 20.3 22.6 8.4 8.4 8.9 8.9 8.9 10.2 10.9 10.9 12.2 12.2 12.2 14.7 14.7 16.5 16.5 12.7 12.7 12.7 17.5 17.5 17.5 17.5 17.5 17.5 17.5 17.5 17.5 24.6 24.6 24.6 24.6 24.6 24.6 24.6 24.6 24.6 24.6 24.6 34.1 34.1 34.1 34.1 34.1 34.1 38.9 12.7 12.7 12.7 12.7 17.5 17.5 17.5 17.5 17.5 17.5 24.6 24.6 24.6 24.6 24.6 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 L Max Millimeters Dia Max S Lead Spacing d
1000 Vdc / 200 Vac
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type PVC Polyester and Polypropylene Film/Foil Capacitors
RoHS Compliant
S Lead Spacing 34.1 34.1 34.1 34.1 34.1 34.1 24.6 24.6 24.6 24.6 24.6 24.6 24.6 24.6 24.6 24.6 24.6 24.6 24.6 24.6 24.6 34.1 34.1 34.1 34.1 34.1 34.1 24.6 24.6 24.6 24.6 24.6 24.6 24.6 24.6 24.6 24.6 24.6 24.6 24.6 24.6 24.6 d 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 Inches Catalog Part Number PVC10139 PVC10147 PVC10156 PVC10168 PVC10182 PVC10010 PVC1221 PVC12212 PVC12215 PVC12218 PVC12222 PVC12227 PVC12233 PVC12239 PVC12247 PVC12256 PVC12268 PVC12282 PVC1211 PVC12112 PVC12115 PVC12118 PVC12122 PVC12127 PVC12133 PVC12139 PVC12147 PVC1621 PVC16215 PVC16222 PVC16227 PVC1623 PVC16233 PVC1624 PVC16247 PVC1625 PVC1626 PVC16268 PVC1627 PVC16275 PVC1628 PVC16282 Cap (F) 0.039 0.047 0.056 0.068 0.082 0.100 0.0010 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.010 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.0010 0.0015 0.0022 0.0027 0.0030 0.0033 0.0040 0.0047 0.0050 0.0060 0.0068 0.0070 0.0075 0.0080 0.0082 L Max 1.6 1.6 1.6 1.6 1.6 1.6 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.65 1.65 1.65 1.65 1.65 1.65 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 Dia Max 0.65 0.65 0.75 0.75 0.85 0.85 0.42 0.42 0.42 0.42 0.42 0.42 0.42 0.42 0.42 0.44 0.47 0.50 0.53 0.57 0.61 0.56 0.60 0.65 0.70 0.74 0.80 0.42 0.42 0.42 0.42 0.42 0.42 0.42 0.42 0.42 0.44 0.47 0.50 0.50 0.50 0.50 S Lead Spacing 1.344 1.344 1.344 1.344 1.344 1.344 0.969 0.969 0.969 0.969 0.969 0.969 0.969 0.969 0.969 0.969 0.969 0.969 0.969 0.969 0.969 1.344 1.344 1.344 1.344 1.344 1.344 0.969 0.969 0.969 0.969 0.969 0.969 0.969 0.969 0.969 0.969 0.969 0.969 0.969 0.969 0.969 d 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 1000 Vdc / 200 Vac 40.6 40.6 40.6 40.6 40.6 40.6 31.8 31.8 31.8 31.8 31.8 31.8 31.8 31.8 31.8 31.8 31.8 31.8 31.8 31.8 31.8 41.9 41.9 41.9 41.9 41.9 41.9 31.8 31.8 31.8 31.8 31.8 31.8 31.8 31.8 31.8 31.8 31.8 31.8 31.8 31.8 31.8 16.5 16.5 19.1 19.1 21.6 21.6 10.7 10.7 10.7 10.7 10.7 10.7 10.7 10.7 10.7 11.2 11.9 12.7 13.5 14.5 15.5 14.2 15.2 16.5 17.8 18.8 20.3 10.7 10.7 10.7 10.7 10.7 10.7 10.7 10.7 10.7 11.2 11.9 12.7 12.7 12.7 12.7 L Max Millimeters Dia Max
1200 Vdc / 475 Vac
1600 Vdc / 475 Vac
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type PVC Polyester and Polypropylene Film/Foil Capacitors
RoHS Compliant
Inches Catalog Part Number PVC1611 PVC16115 PVC1612 PVC16122 PVC16133 PVC16147 PVC1615 PVC2X21 PVC2X212 PVC2X215 PVC2X218 PVC2X222 PVC2X227 PVC2X233 PVC2X239 PVC2X247 PVC2X256 PVC2X268 PVC2X282 PVC2X11 PVC2X112 PVC2X115 PVC2X118 PVC2X122 PVC2X127 PVC2X133 Cap (F) 0.010 0.015 0.020 0.022 0.033 0.047 0.050 0.0010 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.0100 0.0120 0.0150 0.018 0.022 0.027 0.033 L Max 1.25 1.25 1.65 1.65 1.65 1.65 1.65 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.65 1.65 1.65 1.65 1.65 1.65 Dia Max 0.53 0.61 0.60 0.60 0.70 0.80 0.85 0.33 0.34 0.36 0.38 0.39 0.42 0.44 0.47 0.5 0.53 0.56 0.60 0.65 0.58 0.63 0.67 0.73 0.78 0.85 S Lead Spacing 0.969 1.344 1.344 1.344 1.344 1.344 1.344 0.969 0.969 0.969 0.969 0.969 0.969 0.969 0.969 0.969 0.969 0.969 0.969 0.969 1.344 1.344 1.344 1.344 1.344 1.344 d 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 1600 Vdc / 475 Vac 31.8 33.8 41.9 41.9 41.9 41.9 41.9 31.8 31.8 31.8 31.8 31.8 31.8 31.8 31.8 31.8 31.8 31.8 31.8 31.8 41.9 41.9 41.9 41.9 41.9 41.9 13.5 15.5 15.2 15.2 17.8 20.3 21.6 8.4 8.6 9.1 9.7 9.9 10.7 11.2 11.9 12.7 13.5 14.2 15.2 16.5 14.7 16.0 17.0 18.5 19.8 21.6 24.6 34.1 34.1 34.1 34.1 34.1 34.1 24.6 24.6 24.6 24.6 24.6 24.6 24.6 24.6 24.6 24.6 24.6 24.6 24.6 34.1 34.1 34.1 34.1 34.1 34.1 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 L Max Millimeters Dia Max S Lead Spacing d
2000 Vdc / 500 Vac
Part Numbering System
PVC
4 Voltage
1 = 100 V 2 = 200V 4 = 400V 6 = 600V 10 = 1000 V 12 = 1200 V 16 = 1600 V 2X = 2000 V
01 Capacitance
21 = .001 F 11 = .01 F 01 = .1 F 1 = 1.0 F
Series
PVC
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com


▲Up To Search▲   

 
Price & Availability of PVC10010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X